PART |
Description |
Maker |
54MT80KB 54MT100KB 54MT120KB 54MT140KB 54MT160KB 1 |
THREE PHASE AC SWITCH 800V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package
|
IRF[International Rectifier]
|
IR15XB.. IR15XB08 IR15XB02 IR15XB04 IR15XB06 |
DIODE 15 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE, Bridge Rectifier Diode 15.0 Amps Single Phase Full Wave Bridge Rectifier 800V Bridge in a IR15XB package 200V Bridge in a IR15XB package 400V Bridge in a IR15XB package 600V Bridge in a IR15XB package
|
Vishay Semiconductors International Rectifier
|
6GBU005 6GBU01 6GBU02 6GBU04 6GBU06 6GBU08 |
50V Bridge in a GBU package 100V Bridge in a GBU package 200V Bridge in a GBU package 400V Bridge in a GBU package 600V Bridge in a GBU package 800V Bridge in a GBU package
|
International Rectifier
|
112MT120KB 112MT120KBS90 112MT100KB 112MT140KB 112 |
THREE PHASE CONTROLLED BRIDGE THREE PHASE CONTROLLED BRIDGE 三相控桥 CONN RING UNINSUL 12-10 AWG #10 HEADER, STRAIGHT, L/LATCH, 50WAY; Connector type:Wire-to-Board; Gender:Pin; Ways, No. of:50; Pitch, lead:2.54mm; Termination method:Solder; Material, contact:Phosphor Bronze (C510); Plating, contact:0.76u Gold over 2.54u Nickel; RoHS Compliant: Yes CONN L/FORK UNINSUL 12-10 AWG #1 Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers With Strain Relief RoHS Compliant: Yes Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers Without Strain Relief RoHS Compliant: Yes 800V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
OM6N100SA OM5N100SA OM3N100SA OM3N100ST OM1N100SA |
1000V; up to 6 Amp, N-channel MOSFET 1000V Single N-Channel Hi-Rel MOSFET in a D3 package 1000V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
|
Omnirel International Rectifier ETC List of Unclassifed Manufacturers
|
GSIB805 GSIB810 GSIB8100 GSIB820 GSIB840 GSIB860 G |
Bridge rectifier Pack: GSIB-5S SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
|
Gulf Semiconductor
|
GBU8A GBU8B GBU8D GBU8G GBU8J GBU8K GBU8M |
Bridge rectifier Pack: GBU SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
|
Gulf Semiconductor
|
G8XB80 G8XB100 G8XB60 G8XB40 |
Bridge rectifier Pack: GSIB-3S SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
|
Gulf Semiconductor
|
GSIB2560-E GSIB25100-E GSIB2580-E |
Bridge rectifier Pack: GSIB-5S SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V to 1000V Current: 25.0A
|
Gulf Semiconductor
|
DF1510S DF15005S DF1501S |
Bridge rectifier Pack: DBS SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.5A
|
Gulf Semiconductor
|